Part Number Hot Search : 
A6006 B2080 BZX84C16 T824R25 AM6080 DOC2745 TA1528A 000WD
Product Description
Full Text Search
 

To Download MC14001BCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mot orola cmos logic data 7 mc14001b %& "#  $# the b s erie s l ogi c g ate s a r e c onstructe d w it h p a n d n c hannel enhancement mode devices in a single monolithic structure (complemen - tary mos). their primary use is where low power dissipation and/or high noise immunity is desired. ? supply voltage range = 3.0 vdc to 18 vdc ? all outputs buffered ? capable of driving two lowpower ttl loads or one lowpower schottky ttl load over the rated temperature range. ? double diode protection on all inputs except: triple diode protection on mc14011b and mc14081b ? pinforpin replacements for corresponding cd4000 series b suffix devices (exceptions: mc14068b and mc14078b) l suffix ceramic case 632 ordering information mc14xxxbcp plastic mc14xxxbcl ceramic mc14xxxbd soic t a = 55 to 125 c for all packages. p suffix plastic case 646 d suffix soic case 751a ????????????????????? ????????????????????? ????????????????????? ????????????????????? maximum ratings* (voltages referenced to v ss ) ???? ???? ???? ???? symbol ??????????? ??????????? ??????????? ??????????? parameter ?????? ?????? ?????? ?????? value ??? ??? ??? ??? unit ???? ???? ???? ???? v dd ??????????? ??????????? ??????????? ??????????? dc supply voltage ?????? ?????? ?????? ?????? 0.5 to + 18.0 ??? ??? ??? ??? v ???? ???? ???? ???? v in , v out ??????????? ??????????? ??????????? ??????????? input or output voltage (dc or transient) ?????? ?????? ?????? ?????? 0.5 to v dd + 0.5 ??? ??? ??? ??? v ???? ???? ???? ???? ???? l in , l out ??????????? ??????????? ??????????? ??????????? ??????????? input or output current (dc or transient), per pin ?????? ?????? ?????? ?????? ?????? 10 ??? ??? ??? ??? ??? ma ???? ???? ???? ???? p d ??????????? ??????????? ??????????? ??????????? power dissipation, per package2 ?????? ?????? ?????? ?????? 500 ??? ??? ??? ??? mw ???? ???? ???? ???? t stg ??????????? ??????????? ??????????? ??????????? storage temperature ?????? ?????? ?????? ?????? 65 to + 150 ??? ??? ??? ???  c ???? ???? ???? ???? t l ??????????? ??????????? ??????????? ??????????? lead t emperature (8second soldering) ?????? ?????? ?????? ?????? 260 ??? ??? ??? ???  c * maximum ratings are those values beyond which damage to the device may occur . 2temperature derating: plastic ap and d/dwo packages: 7.0 mw/  c from 65  c to 125  c ceramic alo packages: 12 mw/  c from 100  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however , precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. for proper operation, v in and v out should be constrained to the range v ss (v in or v out ) v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open.  semiconductor technical data ? motorola, inc. 1995 rev 3 1/94  %  !%$  $  %  !%$  $  %  !%$   $  %  !%$   $  "!  !%$   $  "!  !%$  $   !%$   $ 
 %  !%$  $ 
 %  !%$  $ 
 "!  !%$  $ 
 "!  !%$  $ 
 !%$  $   %  !%$  $   %  !%$  $
motorola cmos logic data mc14001b 8 logic diagrams 1 2 5 6 8 9 12 13 3 4 10 11 1 2 5 6 8 9 12 13 3 4 10 11 1 2 5 6 8 9 12 13 3 4 10 11 1 2 5 6 8 9 12 13 3 4 10 11 2 input 1 2 9 3 input 8 3 4 6 5 11 12 10 13 1 2 9 8 3 4 6 5 11 12 10 13 1 2 9 8 3 4 6 5 11 12 10 13 1 2 9 8 3 4 6 5 11 12 10 13 3 4 1 5 2 4 input 10 11 13 12 9 1 13 1 13 1 13 13 13 3 4 5 2 10 11 12 9 3 4 5 2 10 11 12 9 3 4 5 2 10 11 12 9 5 9 10 4 3 2 11 12 8 input 5 9 10 4 3 2 11 12 nc = 6, 8 nc = 6, 8 nc = 6, 8 nc = 6, 8 nc = 6, 8 nc = 6, 8 v dd = pin 14 v ss = pin 7 for all devices nor mc14001b quad 2input nor gate mc14025b triple 3input nor gate mc14002b dual 4input nor gate mc14078b 8input nor gate mc14068b 8input nand gate mc14012b dual 4input nand gate mc14023b triple 3input nand gate nand mc14011b quad 2input nand gate or mc14071b quad 2input or gate and mc14081b quad 2input and gate mc14075b triple 3input or gate mc14073b triple 3input and gate mc14072b dual 4input or gate mc14082b dual 4input and gate
motorola cmos logic data 9 mc14001b pin assignments 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c out d in 1 d in 2 d v dd in 1 c in 2 c out b out a in 2 a in 1 a v ss in 2 b in 1 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 in 2 b in 3 b in 4 b out b v dd nc in 1 b in 3 a in 2 a in 1 a out a v ss nc in 4 a 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c out d in 1 d in 2 d v dd in 1 c in 2 c out b out a in 2 a in 1 a v ss in 2 b in 1 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 in 2 b in 3 b in 4 b out b v dd nc in 1 b in 3 a in 2 a in 1 a out a v ss nc in 4 a 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c in 1 c in 2 c in 3 c v dd in 3 a out a in 2 b in 1 b in 2 a in 1 a v ss out b in 3 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c in 1 c in 2 c in 3 c v dd in 3 a out a in 2 b in 1 b in 2 a in 1 a v ss out b in 3 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 in 6 in 7 in 8 out v dd nc in 5 in 3 in 2 in 1 nc v ss nc in 4 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c out d in 1 d in 2 d v dd in 1 c in 2 c out b out a in 2 a in 1 a v ss in 2 b in 1 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 in 2 b in 3 b in 4 b out b v dd nc in 1 b in 3 a in 2 a in 1 a out a v ss nc in 4 a 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c in 1 c in 2 c in 3 c v dd in 3 a out a in 2 b in 1 b in 2 a in 1 a v ss out b in 3 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 in 6 in 7 in 8 out v dd nc in 5 in 3 in 2 in 1 nc v ss nc in 4 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c in 1 c in 2 c in 3 c v dd in 3 a out a in 2 b in 1 b in 2 a in 1 a v ss out b in 3 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c out d in 1 d in 2 d v dd in 1 c in 2 c out b out a in 2 a in 1 a v ss in 2 b in 1 b 11 12 13 14 8 9 10 5 4 3 2 1 7 6 in 2 b in 3 b in 4 b out b v dd nc in 1 b in 3 a in 2 a in 1 a out a v ss nc in 4 a nc = no connection mc14012b dual 4input nand gate mc14023b triple 3input nand gate mc14001b quad 2input nor gate mc14002b dual 4input nor gate mc14011b quad 2input nand gate mc14078b 8input nor gate mc14082b dual 4input and gate mc14081b quad 2input and gate mc14025b triple 3input nor gate mc14068b 8input nand gate mc14071b quad 2input or gate mc14072b dual 4input or gate mc14073b triple 3input and gate mc14075b triple 3input or gate
motorola cmos logic data mc14001b 10 ?????????????????????????????????? ?????????????????????????????????? ?????????????????????????????????? ?????????????????????????????????? electrical characteristics (voltages referenced to v ss ) ?????????? ?????????? ?????????? ?????????? characteristic ???? ???? ???? ???? symbol ??? ??? ??? ??? v dd vdc ?????? ?????? ?????? ?????? 55  c ???????? ???????? ???????? ???????? 25  c ?????? ?????? ?????? ?????? 125  c ??? ??? ??? ??? unit ?????????? ?????????? ?????????? ?????????? characteristic ???? ???? ???? ???? symbol ??? ??? ??? ??? v dd vdc ??? ??? ??? ??? min ???? ???? ???? ???? max ??? ??? ??? ??? min ???? ???? ???? ???? typ # ??? ??? ??? ??? max ???? ???? ???? ???? min ??? ??? ??? ??? max ??? ??? ??? ??? unit ?????????? ?????????? ?????????? ?????????? ?????????? output voltage a0o level v in = v dd or 0 ???? ???? ???? ???? ???? v ol ??? ??? ??? ??? ??? 5.0 10 15 ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? 0.05 0.05 0.05 ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? 0 0 0 ??? ??? ??? ??? ??? 0.05 0.05 0.05 ???? ???? ???? ???? ???? e e e ??? ??? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? a1o level v in = 0 or v dd ???? ???? ???? ???? ???? ???? v oh ??? ??? ??? ??? ??? ??? 5.0 10 15 ??? ??? ??? ??? ??? ??? 4.95 9.95 14.95 ???? ???? ???? ???? ???? ???? e e e ??? ??? ??? ??? ??? ??? 4.95 9.95 14.95 ???? ???? ???? ???? ???? ???? 5.0 10 15 ??? ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? ???? 4.95 9.95 14.95 ??? ??? ??? ??? ??? ??? e e e ??? ??? ??? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? input voltage a0o level (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) ???? ???? ???? ???? ???? ???? v il ??? ??? ??? ??? ??? ??? 5.0 10 15 ??? ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? ???? 1.5 3.0 4.0 ??? ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? ???? 2.25 4.50 6.75 ??? ??? ??? ??? ??? ??? 1.5 3.0 4.0 ???? ???? ???? ???? ???? ???? e e e ??? ??? ??? ??? ??? ??? 1.5 3.0 4.0 ??? ??? ??? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? a1o level (v o = 0.5 or 4.5 vdc) (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) ???? ???? ???? ???? ???? ???? v ih ??? ??? ??? ??? ??? ??? 5.0 10 15 ??? ??? ??? ??? ??? ??? 3.5 7.0 11 ???? ???? ???? ???? ???? ???? e e e ??? ??? ??? ??? ??? ??? 3.5 7.0 11 ???? ???? ???? ???? ???? ???? 2.75 5.50 8.25 ??? ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? ???? 3.5 7.0 11 ??? ??? ??? ??? ??? ??? e e e ??? ??? ??? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) ???? ???? ???? ???? ???? ???? i oh ??? ??? ??? ??? ??? ??? 5.0 5.0 10 15 ??? ??? ??? ??? ??? ??? 3.0 0.64 1.6 4.2 ???? ???? ???? ???? ???? ???? e e e e ??? ??? ??? ??? ??? ??? 2.4 0.51 1.3 3.4 ???? ???? ???? ???? ???? ???? 4.2 0.88 2.25 8.8 ??? ??? ??? ??? ??? ??? e e e e ???? ???? ???? ???? ???? ???? 1.7 0.36 0.9 2.4 ??? ??? ??? ??? ??? ??? e e e e ??? ??? ??? ??? ??? ??? madc ?????????? ?????????? ?????????? ?????????? ?????????? (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 1.5 vdc) ???? ???? ???? ???? ???? i ol ??? ??? ??? ??? ??? 5.0 10 15 ??? ??? ??? ??? ??? 0.64 1.6 4.2 ???? ???? ???? ???? ???? e e e ??? ??? ??? ??? ??? 0.51 1.3 3.4 ???? ???? ???? ???? ???? 0.88 2.25 8.8 ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? 0.36 0.9 2.4 ??? ??? ??? ??? ??? e e e ??? ??? ??? ??? ??? madc ?????????? ?????????? ?????????? ?????????? input current ???? ???? ???? ???? i in ??? ??? ??? ??? 15 ??? ??? ??? ??? e ???? ???? ???? ???? 0.1 ??? ??? ??? ??? e ???? ???? ???? ???? 0.00001 ??? ??? ??? ??? 0.1 ???? ???? ???? ???? e ??? ??? ??? ??? 1.0 ??? ??? ??? ??? m adc ?????????? ?????????? ?????????? ?????????? ?????????? input capacitance (v in = 0) ???? ???? ???? ???? ???? c in ??? ??? ??? ??? ??? e ??? ??? ??? ??? ??? e ???? ???? ???? ???? ???? e ??? ??? ??? ??? ??? e ???? ???? ???? ???? ???? 5.0 ??? ??? ??? ??? ??? 7.5 ???? ???? ???? ???? ???? e ??? ??? ??? ??? ??? e ??? ??? ??? ??? ??? pf ?????????? ?????????? ?????????? ?????????? ?????????? quiescent current (per package) ???? ???? ???? ???? ???? i dd ??? ??? ??? ??? ??? 5.0 10 15 ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? 0.25 0.5 1.0 ??? ??? ??? ??? ??? e e e ???? ???? ???? ???? ???? 0.0005 0.0010 0.0015 ??? ??? ??? ??? ??? 0.25 0.5 1.0 ???? ???? ???? ???? ???? e e e ??? ??? ??? ??? ??? 7.5 15 30 ??? ??? ??? ??? ??? m adc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? total supply current**2 (dynamic plus quiescent, per gate, c l = 50 pf) ???? ???? ???? ???? ???? ???? i t ??? ??? ??? ??? ??? ??? 5.0 10 15 ?????????????????? ?????????????????? ?????????????????? ?????????????????? ?????????????????? ?????????????????? i t = (0.3 m a/khz) f + i dd /n i t = (0.6 m a/khz) f + i dd /n i t = (0.9 m a/khz) f + i dd /n ??? ??? ??? ??? ??? ??? m adc #data labelled at ypo is not to be used for design purposes but is intended as an indication of the ic' s potential performance. ** the formulas given are for the typical characteristics only at 25  c. 2t o calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l 50) vfk where: i t is in m a (per package), c l in pf , v = (v dd v ss ) in volts, f in khz is input frequency , and k = 0.001 x the number of exercised gates per package.
motorola cmos logic data 11 mc14001b bseries gate switching times ?????????????????????????????????? ?????????????????????????????????? ?????????????????????????????????? ?????????????????????????????????? switching characteristics* (c l = 50 pf, t a = 25  c) ???????????????? ???????????????? ???????????????? ???????????????? characteristic ???? ???? ???? ???? symbol ????? ????? ????? ????? v dd vdc ???? ???? ???? ???? min ???? ???? ???? ???? typ # ???? ???? ???? ???? max ??? ??? ??? ??? unit ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? output rise time, all bseries gates t tlh = (1.35 ns/pf) c l + 33 ns t tlh = (0.60 ns/pf) c l + 20 ns t tlh = (0.40 ns/pf) c l + 20 ns ???? ???? ???? ???? ???? ???? t tlh ????? ????? ????? ????? ????? ????? 5.0 10 15 ???? ???? ???? ???? ???? ???? e e e ???? ???? ???? ???? ???? ???? 100 50 40 ???? ???? ???? ???? ???? ???? 200 100 80 ??? ??? ??? ??? ??? ??? ns ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? output fall time, all bseries gates t thl = (1.35 ns/pf) c l + 33 ns t thl = (0.60 ns/pf) c l + 20 ns t thl = (0.40 ns/pf) c l + 20 ns ???? ???? ???? ???? ???? ???? t thl ????? ????? ????? ????? ????? ????? 5.0 10 15 ???? ???? ???? ???? ???? ???? e e e ???? ???? ???? ???? ???? ???? 100 50 40 ???? ???? ???? ???? ???? ???? 200 100 80 ??? ??? ??? ??? ??? ??? ns ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? ???????????????? propagation delay time mc14001b, mc14011b only t plh , t phl = (0.90 ns/pf) c l + 80 ns t plh , t phl = (0.36 ns/pf) c l + 32 ns t plh , t phl = (0.26 ns/pf) c l + 27 ns all other 2, 3, and 4 input gates t plh , t phl = (0.90 ns/pf) c l + 115 ns t plh , t phl = (0.36 ns/pf) c l + 47 ns t plh , t phl = (0.26 ns/pf) c l + 37 ns 8input gates (mc14068b, mc14078b) t plh , t phl = (0.90 ns/pf) c l + 155 ns t plh , t phl = (0.36 ns/pf) c l + 62 ns t plh , t phl = (0.26 ns/pf) c l + 47 ns ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? t plh , t phl ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? 5.0 10 15 5.0 10 15 5.0 10 15 ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? e e e e e e e e e ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? 125 50 40 160 65 50 200 80 60 ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? 250 100 80 300 130 100 350 150 110 ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ns * the formulas given are for the typical characteristics only at 25  c. #data labelled at ypo is not to be used for design purposes but is intended as an indication of the ic' s potential performance. v dd 14 c l v ss 7 pulse generator input output 90% 50% 10% 10% 50% 90% 20 ns 20 ns t phl t plh t tlh t thl v ol v oh 0 v v dd input output inverting * all unused inputs of and, nand gates must be connected to v dd . all unused inputs of or, nor gates must be connected to v ss . 90% 50% 10% v ol v oh output noninverting t thl t tlh t plh t phl * figure 1. switching time test circuit and waveforms
motorola cmos logic data mc14001b 12 circuit schematic nor, or gates 14 * 7 v ss 3, 4, 10, 11 v dd v ss v dd * inverter omitted in mc14001b 1, 6, 8, 13 2, 5, 9, 12 14 * 7 9, 6, 10 v ss v dd 1, 3, 11 2, 4, 12 v ss v dd v ss v dd * inverter omitted in mc14025b 8, 5, 13 14 * 7 1, 13 v ss v dd 3, 9 2, 10 v ss v dd * inverter omitted in mc14002b same as above 5, 11 4, 12 14 7 13 v ss v dd 11 12 9 10 4 5 2 3 v ss v dd same as above same as above same as above mc14001b, mc14071b one of four gates shown mc14025b, mc14075b one of three gates shown mc14002b, mc14072b one of two gates shown mc14078b eight input gate
motorola cmos logic data 13 mc14001b circuit schematic nand, and gates 14 * 7 3, 4, 10, 11 v ss v dd * inverter omitted in mc14011b 14 * 7 9, 6, 10 v ss v dd * inverter omitted in mc14023b 2, 5, 9, 12 1, 6, 8, 13 2, 4, 12 1, 3, 11 v dd v dd v ss v ss 8, 5, 13 14 * 7 1, 13 v ss v dd * inverter omitted in mc14012b 2, 10 3, 9 v dd v ss same as above 4, 12 5, 11 14 7 13 v ss v dd v ss v dd 2 3 v dd v ss 5 4 v dd 11 12 9 10 v ss same as above same as above same as above mc14011b, mc14081b one of four gates shown mc14023b, mc14073b one of three gates shown mc14012b, mc14082b one of two gates shown mc14068b eight input gate
motorola cmos logic data mc14001b 14 typical bseries gate characteristics nchannel drain current (sink) pchannel drain current (source) 40 c + 85 c + 125 c figure 2. v gs = 5.0 vdc figure 3. v gs = 5.0 vdc 1.0 3.0 5.0 4.0 2.0 0 1.0 3.0 5.0 4.0 2.0 0 v ds , draintosource voltage (vdc) 1.0 0 0 t a = 55 c figure 4. v gs = 10 vdc figure 5. v gs = 10 vdc 16 14 12 10 8.0 6.0 4.0 2.0 0 5.0 3.0 1.0 10 8.0 6.0 4.0 2.0 0 0 0 figure 6. v gs = 15 vdc figure 7. v gs = 15 vdc 0 0 0 0 40 c + 25 c + 85 c + 125 c 1.0 3.0 5.0 4.0 2.0 v ds , draintosource voltage (vdc) t a = 55 c + 25 c t a = 55 c 40 c + 25 c + 85 c + 125 c v ds , draintosource voltage (vdc) v ds , draintosource voltage (vdc) v ds , draintosource voltage (vdc) v ds , draintosource voltage (vdc) t a = 55 c 40 c + 25 c + 85 c + 125 c 18 20 9.0 7.0 5.0 3.0 1.0 10 8.0 6.0 4.0 2.0 9.0 7.0 40 35 30 25 20 15 10 5.0 45 50 10 6.0 2.0 20 16 12 8.0 4.0 18 14 t a = 55 c 40 c + 25 c + 85 c 10 6.0 2.0 20 16 12 8.0 4.0 18 14 80 70 60 50 40 30 20 10 90 100 40 35 30 25 20 15 10 5.0 45 50 t a = 55 c 40 c + 25 c + 85 c 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 i , d drain current (ma) i , d drain current (ma) i , d drain current (ma) i , d drain current (ma) i , d drain current (ma) i , d drain current (ma) + 125 c + 125 c these typical curves are not guarantees, but are design aids. caution: the maximum rating for output current is 10 ma per pin.
motorola cmos logic data 15 mc14001b typical bseries gate characteristics (cont'd) voltage transfer characteristics figure 8. v dd = 5.0 vdc figure 9. v dd = 10 vdc 1.0 3.0 5.0 4.0 2.0 0 1.0 3.0 5.0 4.0 2.0 0 0 0 v in , input voltage (vdc) single input nand, and multiple input nor, or single input nor, or multiple input nand, and single input nand, and multiple input nor, or single input nor, or multiple input nand, and 2.0 6.0 10 8.0 4.0 2.0 6.0 10 8.0 4.0 v in , input voltage (vdc) v , out output vol tage (vdc) v , out output vol tage (vdc) figure 10. v dd = 15 vdc 0 0 single input nand, and multiple input nor, or single input nor, or multiple input nand, and 2.0 6.0 10 8.0 4.0 2.0 6.0 10 8.0 4.0 v in , input voltage (vdc) 12 14 16 v , out output vol tage (vdc) dc noise margin the dc noise margin is defined as the input voltage range from an ideal a1o or a0o input level which does not produce output state change(s). the typical and guaranteed limit val- ues of the input values v il and v ih for the output(s) to be at a fixed voltage v o are given in the electrical characteristics table. v il and v ih are presented graphically in figure 11. guaranteed minimum noise margins for both the a1o and a0o levels = 1.0 v with a 5.0 v supply 2.0 v with a 10.0 v supply 2.5 v with a 15.0 v supply figure 11. dc noise immunity v out v o v o v il 0 v ih v in v dd v dd v out v o v o v il 0 v ih v in v dd v dd (a) inverting function (b) noninverting function v ss = 0 volts dc
motorola cmos logic data mc14001b 16 outline dimensions l suffix ceramic dip package case 63208 issue y dim min max min max millimeters inches a 0.750 0.785 19.05 19.94 b 0.245 0.280 6.23 7.11 c 0.155 0.200 3.94 5.08 d 0.015 0.020 0.39 0.50 f 0.055 0.065 1.40 1.65 g 0.100 bsc 2.54 bsc j 0.008 0.015 0.21 0.38 k 0.125 0.170 3.18 4.31 l 0.300 bsc 7.62 bsc m 0 15 0 15 n 0.020 0.040 0.51 1.01     notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension f may narrow to 0.76 (0.030) where the lead enters the ceramic body. a b c 14 pl d g f n k 14 pl j m l s b m 0.25 (0.010) t s a m 0.25 (0.010) t t seating plane 1 7 14 9 p suffix plastic dip package case 64606 issue l notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. 1 7 14 8 b a f h g d k c n l j m seating plane dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01    
motorola cmos logic data 17 mc14001b outline dimensions d suffix plastic soic package case 751a03 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019     how to reach us: usa/europe/locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmf ax0@email.sps.mot.com t ouchtone 6022446609 asia/pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok road, tai po, n.t., hong kong. 85226629298 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including at ypicalso must be validated for each customer application by customer' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/af firmative action employer . mc14001b/d   ?


▲Up To Search▲   

 
Price & Availability of MC14001BCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X